Part Number Hot Search : 
MC79L00A 5KP18 TSOP1533 133BZC SC160C AE10607 20A10 RL156G
Product Description
Full Text Search
 

To Download AS2830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS2830
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
FEATURES
* Adjustable Output Down To 1.2V * Fixed Output Voltages 1.5, 2.5, 3.3, 5.0V * Output Current Of 3A * Low Dropout Voltage 1.1V Typ. * Extremely Tight Load And Line Regulation * Current & Thermal Limiting * Standard 3-Terminal Low Cost TO-220, TO-263 & TO-252 * Similar To Industry Standard LT1085/LT1585
APPLICATIONS
* Powering VGA & Sound Card * Power PCSupplies * SMPS Post-Regulator * High Efficiency "Green" Computer Systems * High Efficiency Linear Power Supplies * Portable Instrumentation * Constant Current Regulators * Adjustable Power Supplies * Battery charger
PRODUCT DESCRIPTION
The AS2830 is a low power 3A adjustable and fixed voltage regulator that is very easy to use. It requires only 2 external resistors to set the output voltage for adjustable version. The AS2830 are designed for low voltage applications that offers lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications. The AS2830 features low dropout of a maximum 1.2 volts. The AS2830 offers over current limit and full protection against reversed input polarity, reversed load insertion, and positive and negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into the load, which increases efficiency. The AS2830 are offered in a 3-pin TO-220, TO-263 & TO-252 packages compatible with other 3 terminal regulators. For a 5A low dropout regulator refer to the AS2850 data sheet.
ORDERING INFORMATION
TO-220 3-PIN
AS2830YU-X
DD PLASTIC 3-PIN
AS2830YT-X
TO-252 DPAK
AS2830YR-X
PIN CONNECTIONS
TO-263-3 (T)
TO-220-3 (U)
TO-252 (R)
X = Output Voltage (1.5V, 2.5V, 3.3V, 5.0V and Blank for Adj.) Y= Output Tolerance, (Y= A for 1% Blank for 2%)
AS2830
1 2 3
AS2830
1 2 3
AS2830
1 2 3
ADJ/GND VOUT VIN
ADJ/GND VOUT VIN
Front View
ADJ/GND VOUT VIN
Top View
Front View
Rev. 10/6/00
AS2830
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 10 Seconds) .............................. 300C Storage Temperature Range ............................ -65 to +150C Operating Junction Temperature Range ...................... AS2830 Control Section ............................ -45C +125C AS2830 Power Transistor...........................-45C +150C Maximum Input Voltage ...................................... 10V Input to Output Voltage Differential Max ........... 8.8V
ELECTRICAL CHARACTERISTICS (NOTE 1) at IOUT = 10mA, TA=25C, unless otherwise specified. AS2830A AS2830 PARAMETER CONDITIONS Typ
Min Max Min
1.5V Version Output Voltage (Note 2) 2.5V Version Output Voltage (Note 2) 3.3V Version Output Voltage (Note 2) 5.0V Version Output Voltage (Note 2) All Voltage Options Reference Voltage (VREF) AS2830-1.5V, 0 IOUT3A, 2.75VVIN 10V 1.5 1.5 2.5 2.5 3.3 3.3 5.0 5.0 1.485 1.470 2.475 2.450 3.270 3.240 4.95 4.90 1.238 1.225 1.515 1.530 2.525 2.550 3.330 3.360 5.05 5.10 1.263 1.270 10 0.2 0.2 0.3 0.3 1.2 1.470 1.455 2.450 2.425 3.230 3.201 4.900 4.850 1.225 1.212
Max
1.530 1.545 2.550 2.575 3.370 3.399 5.100 5.150 1.270 1.288 10 0.2 0.2 0.3 0.3 1.2
Units
V
AS2830-2.5V, 0 IOUT3A, 4.0VVIN 10V
V
AS2830-3.3V, 0 IOUT3A, 4.75VVIN 10V AS2830-5.0V, 0 IOUT3A, 6.5VVIN 10V VIN 7V, P PMAX 1.5V (VIN -VOUT)(VIN-VOUT) MAX, 10mAIOUT3A 1.5V (VIN -VOUT) (VIN-VOUT) MAX 2.75VVIN 7V, IOUT=10mA, TJ=25C (Note 3) VIN 7V, IOUT=0mA, TJ=25C (Note 2) 10mAIOUT 3A, (VIN-VOUT)=3V, TJ=25C (Note 3) 0IOUT 3A, VIN=7V, TJ=25C (Note 2) IOUT =3A VREF=1% IOUT 3A VIN=7V 1.4V (VIN- VOUT) (Note3) TA=125C, 1000 Hrs. TA=25C, 20 ms pulse
V
V
V
1.250 5 0.005 0.005 0.05 0.05 1.1
Min. Load Current (Note 3) Line Regulation (VREF (VIN))
mA % % % % V A
Load Regulation (VREF (IOUT))
Dropout Voltage Current Limit IOUT (MAX) Long Term Stability Thermal Regulation (VOUT (Pwr)) Temperature Stability (VOUT (T)) Output Noise, RMS Thermal Resistance
4.0 0.3 (Note 2) 0.01 0.25
3.2 1 0.020
3.2 1 0.020 % %/W % %V C/W
10Hz to 10kHz TA = 25c Junction to Tab TO-220 Junction to Ambient Junction to Tab DD Package Junction to Ambient
0.003 3.0 60 3.0 60 3.0 60 3.0 60
The Bold specifications apply to the full operating temperature range. Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation. Note 2: Fixed Version Only Note 3: Adjustable Version Only Rev. 10/6/00
AS2830
APPLICATION HINTS
The AS2830 incorporates protection against over-current faults, reversed load insertion, over temperature operation, and positive and negative transient voltage. However, the use of an output capacitor is required in order to improve the stability and the performances. Stability The output capacitor is part of the regulator's frequency compensation system. Either a 22F aluminum electrolytic capacitor or a 10F solid tantalum capacitor between the output terminal and ground guarantees stable operation for all operating conditions. However, in order to minimize overshoot and undershoot, and therefore optimize the design, please refer to the section `Ripple Rejection'. Ripple Rejection Ripple rejection can be improved by adding a capacitor between the ADJ pin and ground as shown in figure 6. When ADJ pin bypassing is used, the value of the output capacitor required increases to its maximum (22F for an aluminum electrolytic capacitor, or 10F for a solid tantalum capacitor). If the ADJ pin is not bypass, the value of the output capacitor can be lowered to 10F for an electrolytic aluminum capacitor or 4.7F for a solid tantalum capacitor. However the value of the ADJ-bypass capacitor should be chosen with respect to the following equation: C = 1 / (6.28 * FR * R1) Where C = value of the capacitor in Farads (select an equal or larger standard value), FR = ripple frequency in Hz, R1 = value of resistor R1 in Ohms. If an ADJ-bypass capacitor is use, the amplitude of the output ripple will be independent of the output voltage. If an ADJbypass capacitor is not used, the output ripple will be proportional to the ratio of the output voltage to the reference voltage: M = VOUT / VREF Where M = multiplier for the ripple seen when the ADJ pin is optimally bypassed. VREF = Reference Voltage Reducing parasitic resistance and inductance One solution to minimize parasitic resistance and inductance is to connect in parallel capacitors. This arrangement will improve the transient response of the power supply if your system requires rapidly changing current load condition. Thermal Consideration Although the AS2830 offers some limiting circuitry for overload conditions, it is necessary not to exceed the maximum junction temperature, and therefore to be careful about thermal resistance. The heat flow will follow the lowest resistance path, which is the Junction-to-case thermal resistance. In order to insure the best thermal flow of the component, a proper mounting is required. Note that the case of the device is electrically connected to the output. In case the case has to be electrically isolated, a thermally conductive spacer can be used. However do not forget to consider its contribution to thermal resistance. Assuming: VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 50C/W, Heatsink Case = 6C/W, Heatsink Case = 0.5C/W, JC = 3C/W Power dissipation under this condition PD = (VIN - VOUT) * IOUT = 7.5W Junction Temperature TJ = TA + PD * ( Case - HS+ HS + JC) For the Control Sections TJ = 50 + 7.5*(0.5 +6=3) = 121.25C 121.25C < TJ (max) for the Control & Power Sections. In both case reliable operation is insured by adequate junction temperature.
Rev. 10/6/00
AS2830
Basic Adjustable Regulator
VIN
AS2830
VREF IADJ
50A
VOUT R1
VIN 5V
AS2830
C1 10uF
VOUT 3.3V C2 10uF
R2 VOUT = VREF * ( 1 + R /R1) + IADJ * R2 2
Basic Fixed Regulator
Fig.2 Basic Adjustable Regulator
Output Voltage Consider Figure 2. The resistance R1 generates a constant current flow, normally the specified load current of 10mA. This current will go through the resistance R2 to set the overall output voltage. The current IADJ is very small and constant. Therefore its contribution to the overall output voltage is very small and can generally be ignored. Load Regulation Parasitic line resistance can degrade load regulation. In order not to affect the behavior of the regulator, it is best to connect directly the R1 resistance from the resistor divider to the case, and not to the load. For the same reason, it is best to connect the resistor R2 to the Negative side of the load.
RP Parasitic Line Resistance
Output Voltage The fixed voltage LDO voltage regulators are simple to use regulators since the VOUT is preset to the specifications. It is important however, to provide the proper output capacitance for stability and improvement. For most operating conditions a capacitance of 22uF tantalum or 100uF electrolytic will ensure stability and prevent oscillation.
VIN
AS2830
Connect R to 1 Case of Regulator
R1
RL R2 Connect R to Load 2
Fig.3 Basic Adjustable Regulator
Rev. 10/2/00
AS2830
TYPICAL APPLICATIONS
VIN C1
VIN IN
AS2830
ADJ
OUT C1 R1
IN
AS2830
ADJ
OUT R1 C2
VOUT
LOAD
VOUT = VREF (1 + R2 ) + IADJ R2 R1
R2
Fig. 4 3A Current output Regulator
Fig. 5 Typical Adjustable Regulator
(Note A) VIN
IN
5V
+ 10F
AS2830
ADJ
OUT
VOUT
R1 121 1% 150F
VIN (Note A) +
IN
AS2830
ADJ
OUT
5V 121 1% + 100F
10F 1k 2N3904 1k 365 1%
*C 1 improves ripple rejection. XC should be ~ R 1 at ripple frequency.
R2 365 1%
TTL Input
+
C1 10F*
Note A: V IN(MIN) = (Intended V OUT) + (VDROPOUT (MAX)) Note A: VIN(MIN)= (Intended V ) + (VDROPOUT (MAX)) OUT
Fig. 6
Improving Ripple Rejection
Fig.7 5V Regulator with Shutdown
Rev. 10/2/00
AS2830
TYPICAL CHARACTERISTICS
Rev. 10/2/00


▲Up To Search▲   

 
Price & Availability of AS2830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X